Part Number Hot Search : 
APE10616 IM100 FM301 2045CT 1510G 200A12S2 090N03 NV73A
Product Description
Full Text Search
 

To Download BUL310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BUL310
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
s
s s s s
s s s
STMicroelectronics PREFERRED SALESTYPE NPN TRANSISTOR HIGH VOLTAGE CAPABILITY LOW SPREAD OF DYNAMIC PARAMETERS MINIMUM LOT-TO-LOT SPREAD FOR RELIABLE OPERATION VERY HIGH SWITCHING SPEED FULLY CHARACTERISED AT 125oC LARGE RBSOA TO-220
1
2
3
APPLICATIONS s ELECTRONIC BALLASTS FOR FLUORESCENT LIGHTING s FLYBACK AND FORWARD SINGLE TRANSISTOR LOW POWER CONVERTERS DESCRIPTION The device is manufactured using high voltage Multi Epitaxial Planar technology for high switching speeds and high voltage capability. It uses a Cellular Emitter structure with planar edge termination to enhance switching speeds while maintaining a wide RBSOA. The BUL series is designed for use in lighting applications and low cost switch-mode power supplies.
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CES V CEO V EBO IC I CM IB I BM P t ot T stg Tj Parameter Collector-Emitter Voltage (VBE = 0) Collector-Emitter Voltage (IB = 0) Emitter-Base Voltage (IC = 0) Collector Current Collector Peak Current (tp <5 ms) Base Current Base Peak Current (t p <5 ms) Total Dissipation at Tc = 25 C Storage T emperature Max. O perating Junction Temperature
o
Value 1000 500 9 5 10 3 4 75 -65 to 150 150
Uni t V V V V A A A W
o o
C C
January 1999
1/6
BUL310
THERMAL DATA
R t hj-ca se R t hj- amb Thermal Resistance Junction-Case Thermal Resistance Junction-Ambient Max Max 1.65 62.5
o o
C/W C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symb ol I CES I CEO V CEO(sus) V EBO V CE(sat ) Parameter Collector Cut-off Current (V BE = 0) Collector Cut-off Current (I B = 0) Collector-Emitter Sustaining Voltage Emitter-Base Voltage (I C = 0) Collector-Emitter Saturation Voltage Base-Emitt er Saturation Voltage DC Current Gain INDUCTIVE LO AD Storage Time Fall Time INDUCTIVE LO AD Storage Time Fall Time Test Cond ition s V CE = 1000 V V CE = 1000 V V EC = 400 V I C = 100 mA I E = 10 mA IC = 1 A IC = 2 A IC = 3 A IC = 1 A IC = 2 A IC = 3 A I C = 10 mA IC = 3 A IC = 2 A V BE(of f) = -5 V V CL = 250 V IC = 2 A V BE(of f) = -5V V CL = 250 V o T j = 125 C IB = 0.2 A IB = 0.4 A IB = 0.6 A IB = 0.2 A IB = 0.4 A IB = 0.6 A VCE = 5 V VCE = 2.5 V IB1 = 0.4 A R BB = 0 L = 200 H IB1 = 0.4 A R BB = 0 L = 200 H 10 10 1.2 80 1.8 150 1.9 160 s ns s ns L= 25 mH 500 9 0.5 0.7 1.1 1 1.1 1.2 T j = 125 oC Min. Typ . Max. 100 500 250 Un it A A A V V V V V V V V
V BE(s at)
h F E
ts tf ts tf
Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
Safe Operating Areas
Derating Curve
2/6
BUL310
DC Current Gain DC Current Gain
Collector Emitter Saturation Voltage
Base Emitter Saturation Voltage
Inductive Fall Time
Inductive Storage Time
3/6
BUL310
Reverse Biased SOA RBSOA and Inductive Load Switching Test Circuit
(1) Fast electronic switch (2) Non-inductive Resistor (3) Fast recovery rectifier
4/6
BUL310
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
P011C
5/6
BUL310
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com .
6/6


▲Up To Search▲   

 
Price & Availability of BUL310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X